Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM3P-4-AC1-R-C Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # ACM3P-4-AC1-R-C
Description  Three-Phase AC Ammeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ACM3P-4-AC1-R-C Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  ACM3P-4-AC1-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. ACM3P-4-AC1-R-C Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MECHANICAL SPECIFICATIONS
L1
MULTI-PHASE AC AMMETER
L2
L3
SEL
1.43
(36.3)
2.10 (53.3)
Front View
Back View
0.51
(12.95)
1.07
(27.20)
0.40
(10.16)
0.12 (3.05) (min)
0.12 (3.05) (min)
Side View
1.63
(41.4)
0.086 DIA (REF)
2-56 UNC THREAD
0.33 (8.39)
(min)
0.22 (5.59)
(min)
0.60
(15.24)
(max)
Bottom View
B
A
TB1
CT Lead Length:
Standard: 5.0” (127mm) min.
Optional: 28.0” (700mm) min. on blue LED model
Diameter:
Inner: 0.57 (14.5)
Outer: 1.175 (29.8)
PANEL CUTOUT
RECOMMENDED DRILL AND PANEL CUTOUT DIMENSIONS
INTERNAL CORNER RADII:
0.032 (0.81) MAX.
1.07
(27.18)
0.870
(22.10)
1.426
(36.22)
1.626 (41.30)
0.093 (2.362) DIAMETER (4 REQUIRED)
The panel opening must be centered vertically and
horizontally between the four 0.093 (2.362mm)
diameter holes.
Dimensions are in inches (mm).
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.51)
.XXX ± 0.010 (0.254)
Angles ± 2˚
Components are shown for reference only.
www.murata.com-ps/support
ACM3P Series
Three-Phase AC Ammeters
MPM_ACM3P Series.C02 Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com