Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-4/PCBZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9516-4/PCBZ
Description  14-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-4/PCBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9516-4/PCBZ Datasheet HTML 35Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 36Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 37Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 38Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 39Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 40Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 41Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 42Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
AD9516-4
Rev. 0 | Page 39 of 84
Once in holdover mode, the charge pump stays in a high
impedance state as long as there is no reference clock present.
As in the external holdover mode, the B counter (in the N
divider) is reset synchronously with the charge pump leaving
high impedance state on the reference path PFD event. This
helps align the edges out of the R and N dividers for faster
settling of the PLL and to reduce frequency errors during
settling. Because the prescaler is not reset, this feature works
best when the B and R numbers are close as this results in a
smaller phase difference for the loop to settle out.
After leaving holdover, the loop then re-acquires lock and the
LD pin must charge (if 0x1D<3> = 1) before it can re-enter
holdover (CP high impedance).
The holdover function always responds to the state of the
currently selected reference (0x1C). If the loop loses lock during
a reference switchover (see the Reference Switchover section),
holdover is triggered briefly until the next reference clock edge
at the PFD.
The following registers affect the internal/automatic holdover
function:
• 0x18<6:5>—lock detect counter. This changes how many
consecutive PFD cycles with edges inside the lock detect
window are required for the DLD indicator to indicate lock.
This impacts the time required before the LD pin can begin
to charge as well as the delay from the end of a holdover
event until the holdover function can be re-engaged.
• 0x18<3>—disable digital lock detect. This bit must be set to a
0 to enable the DLD circuit. Internal/automatic holdover does
not operate correctly without the DLD function enabled.
• 0x1A<5:0>—lock detect pin output select. Set this to 000100b
to put it in the current source lock detect mode if using the
LD pin comparator. Load the LD pin with a capacitor of an
appropriate value.
• 0x1D<3>—enable LD pin comparator. 1 = enable; 0 =
disable. When disabled, the holdover function always senses
the LD pin as high.
• 0x1D<1>—enable external holdover control.
• 0x1D<0> and Register 0x1D<2>—holdover function enable.
If holdover is disabled, both external and internal/automatic
holdover are disabled.
For example, to use automatic holdover with:
• Automatic reference switchover prefer REF1.
• Digital lock detect: five PFD cycles, high range window.
• Automatic holdover using the LD pin comparator.
The following registers are set (in addition to the normal PLL
registers):
• 0x18<6:5> = 00b; lock detect counter = five cycles.
• 0x18<4> = 0b; lock detect window = high range.
• 0x18<3> = 0b; DLD normal operation.
• 0x1A<5:0> = 000100b; current source lock detect mode.
• 0x1C<4> = 1b; automatic reference switchover enabled.
• 0x1C<3> = 0b; prefer REF1.
• 0x1C<2:1> = 11b; enable REF1 and REF2 input buffers.
• 0x1D<3> = 1b; enable LD pin comparator.
• 0x1D<2>=1b; enable the holdover function.
• 0x1D<1> = 0b; use internal/automatic holdover mode.
• 0x1D<0> = 1b; enable the holdover function.
Frequency Status Monitors
The AD9516 contains three frequency status monitors that are
used to indicate if the PLL reference (or references in the case of
single-ended mode) and the VCO have fallen below a threshold
frequency. A diagram showing their location in the PLL is
shown in Figure 52.
The PLL reference monitors have two threshold frequencies:
normal and extended (see Table 16). The reference frequency
monitor thresholds are selected in 0x1F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com