Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-4/PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD9516-4/PCBZ
Description  14-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-4/PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9516-4/PCBZ Datasheet HTML 12Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 13Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 14Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 15Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 16Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 17Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 18Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 19Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
AD9516-4
Rev. 0 | Page 16 of 84
ABSOLUTE MAXIMUM RATINGS
Table 18.
Parameter or Pin
With
Respect to
Rating
VS, VS_LVPECL
GND
−0.3 V to +3.6 V
VCP
GND
−0.3 V to +5.8 V
REFIN, REFIN
GND
−0.3 V to VS + 0.3 V
REFIN
REFIN
−3.3 V to +3.3 V
RSET
GND
−0.3 V to VS + 0.3 V
CPRSET
GND
−0.3 V to VS + 0.3 V
CLK, CLK
GND
−0.3 V to VS + 0.3 V
CLK
CLK
−1.2 V to +1.2 V
SCLK, SDIO, SDO, CS
GND
−0.3 V to VS + 0.3 V
OUT0, OUT0, OUT1,
OUT1, OUT2, OUT2,
OUT3, OUT3, OUT4,
OUT4, OUT5, OUT5,
OUT6, OUT6, OUT7, OUT7,
OUT8, OUT8, OUT9, OUT9
GND
−0.3 V to VS + 0.3 V
SYNC
GND
−0.3 V to VS + 0.3 V
REFMON, STATUS, LD
GND
−0.3 V to VS + 0.3 V
Junction Temperature1
150°C
Storage Temperature
Range
−65°C to +150°C
Lead Temperature (10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 19.
Package Type1
θJA
Unit
64-Lead LFCSP
24
°C/W
1 Thermal impedance measurements were taken on a 4-layer board in still air
in accordance with EIA/JESD51-7.
ESD CAUTION
1 See Table 19 for θJA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com