Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-4/PCBZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9516-4/PCBZ
Description  14-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-4/PCBZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9516-4/PCBZ Datasheet HTML 70Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 71Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 72Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 73Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 74Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 75Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 76Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 77Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
AD9516-4
Rev. 0 | Page 74 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
142
<0>
OUT8 Power-Down
Power-down output (LVDS/CMOS).
<0> = 0; power on.
<0> = 1; power off.
143
<7:5> OUT9 Output Polarity
In CMOS mode, <7:5> select the output polarity of each CMOS output.
In LVDS mode, only <5> determines LVDS polarity.
<7> <6>
<5>
OUT9A (CMOS) OUT9B (CMOS)
OUT9 (LVDS)
0
0
0
Noninverting
Inverting
Noninverting
0
1
0
Noninverting
Noninverting
Noninverting
1
0
0
Inverting
Inverting
Noninverting
1
1
0
Inverting
Noninverting
Noninverting
0
0
1
Inverting
Noninverting
Inverting
0
1
1
Inverting
Inverting
Inverting
1
0
1
Noninverting
Noninverting
Inverting
1
1
1
Noninverting
Inverting
Inverting
143
<4>
OUT9 CMOS B
In CMOS mode, turn on/off the CMOS B output. There is no effect in LVDS mode.
<4> = 0; turn off the CMOS B output.
<4> = 1; turn on the CMOS B output.
143
<3>
OUT9 Select LVDS/CMOS
Select LVDS or CMOS logic levels.
<3> = 0; LVDS.
<3> = 1; CMOS.
143
<2:1> OUT9 LVDS Output Current
Set output current level in LVDS mode. This has no effect in CMOS mode.
<2> <1> Current (mA)
Recommended Termination (Ω)
0
0
1.75
100
0
1
3.5
100
1
0
5.25
50
1
1
7
50
143
<0>
OUT9 Power-Down
Power-down output (LVDS/CMOS).
<0> = 0; power on.
<0> = 1; power off.
Table 57. LVPECL Channel Dividers
Reg.
Addr
(Hex) Bit(s) Name
Description
190
<7:4> Divider 0 Low Cycles
Number of clock cycles of the divider input during which divider output stays low.
190
<3:0> Divider 0 High Cycles
Number of clock cycles of the divider input during which divider output stays high.
191
<7>
Divider 0 Bypass
Bypass and power-down the divider; route input to divider output.
<7> = 0; use divider.
<7> = 1; bypass divider.
191
<6>
Divider 0 Nosync
Nosync.
<6> = 0; obey chip-level SYNC signal.
<6> = 1; ignore chip-level SYNC signal.
191
<5>
Divider 0 Force High
Force divider output to high. This requires that nosync also be set.
<5> = 0; divider output forced to low.
<5> = 1; divider output forced to high.
191
<4>
Divider 0 Start High
Selects clock output to start high or start low.
<4> = 0; start low.
<4> = 1; start high.
191
<3:0> Divider 0 Phase Offset
Phase offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com