Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-4/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9516-4/PCBZ
Description  14-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-4/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9516-4/PCBZ Datasheet HTML 17Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 18Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 19Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 20Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 21Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 22Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 23Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 24Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
AD9516-4
Rev. 0 | Page 21 of 84
20
15
10
5
TIME (ns)
1.0
0.6
0.2
–0.2
–0.6
–1.0
025
Figure 19. LVPECL Output (Differential) @ 100 MHz
1.0
0.6
0.2
–0.2
–0.6
–1.0
02
1
TIME (ns)
Figure 20. LVPECL Output (Differential) @ 1600 MHz
0.4
0.2
0
–0.2
–0.4
025
0.4
0.2
0
–0.2
–0.4
02
1
TIME (ns)
0
20
15
10
5
TIME (ns)
Figure 21. LVDS Output (Differential) @ 100 MHz
Figure 22. LVDS Output (Differential) @ 800 MHz
2.8
0.8
1.8
–0.2
08
60
100
40
20
TIME (ns)
Figure 23.CMOS Output @ 25 MHz
2.8
0.8
1.8
–0.2
08
612
10
4
2
TIME (ns)
Figure 24. CMOS Output @ 250 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com