Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-4/PCBZ Datasheet(PDF) 53 Page - Analog Devices

Part # AD9516-4/PCBZ
Description  14-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-4/PCBZ Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9516-4/PCBZ Datasheet HTML 49Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 50Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 51Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 52Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 53Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 54Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 55Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 56Page - Analog Devices AD9516-4/PCBZ Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
AD9516-4
Rev. 0 | Page 53 of 84
Read
A12:A0: These 13 bits select the address within the register map
that is written to or read from during the data transfer portion
of the communications cycle. Only Bits<A9:A0> are needed to
cover the range of the 0x232 registers used by the AD9516.
Bits<A12:A10> must always be 0b. For multibyte transfers, this
address is the starting byte address. In MSB first mode,
subsequent bytes increment the address.
If the instruction word is for a read operation, the next N × 8
SCLK cycles clock out the data from the address specified in the
instruction word, where N is 1 to 3 as determined by W1:W0.
If N = 4, the read operation is in streaming mode, continuing
until CS is raised. Streaming mode does not skip over reserved
or blank registers. The readback data is valid on the falling
edge of SCLK.
MSB/LSB FIRST TRANSFERS
The AD9516 instruction word and byte data can be MSB first
or LSB first. Any data written to 0x000 must be mirrored, the
upper four bits (<7:4>) with the lower four bits (<3:0>). This
makes it irrelevant whether LSB first or MSB first is in effect. As
an example of this mirroring, see the default setting for this
register: 0x18, which mirrors Bit 4 and Bit 3. This sets the long
instruction mode (default, and only mode supported).
The default mode of the AD9516 serial control port is the
bidirectional mode. In bidirectional mode, both the sent data
and the readback data appear on the SDIO pin. It is also possible to
set the AD9516 to unidirectional mode (SDO enable register,
0x00<7>). In unidirectional mode, the readback data appears
on the SDO pin.
A readback request reads the data that is in the serial control
port buffer area, or the data in the active registers (see Figure 61).
Readback of the buffer or active registers is controlled by 0x04<0>.
The default for the AD9516 is MSB first.
When LSB first is set by 0x000<2> and 0x000<6>, it takes effect
immediately, because it only affects the operation of the serial
control port and does not require that an update be executed.
The AD9516 supports only the long instruction mode, therefore
0x00<4:3> must be set to 11b (this register uses mirrored bits).
Long instruction mode is the default at power-up or reset.
When MSB first mode is active, the instruction and data bytes
must be written from MSB to LSB. Multibyte data transfers in
MSB first format start with an instruction byte that includes the
register address of the most significant data byte. Subsequent
data bytes must follow in order from the high address to the low
address. In MSB first mode, the serial control port internal
address generator decrements for each data byte of the
multibyte transfer cycle.
The AD9516 uses Register Address 0x000 to Register
Address 0x232.
SCLK
SDIO
SDO
CS
SERIAL
CONTROL
PORT
UPDATE
REGISTERS
WRITE REGISTER 0x232 = 0x01
TO UDATE REGISTERS
When LSB first is active, the instruction and data bytes must be
written from LSB to MSB. Multibyte data transfers in LSB first
format start with an instruction byte that includes the register
address of the least significant data byte followed by multiple
data bytes. The internal byte address generator of the serial
control port increments for each byte of the multibyte
transfer cycle.
Figure 61. Relationship Between Serial Control Port Buffer Registers and
Active Registers of the AD9516
THE INSTRUCTION WORD (16 BITS)
The MSB of the instruction word is R/W, which indicates
whether the instruction is a read or a write. The next two bits,
W1:W0, indicate the length of the transfer in bytes. The final
13 bits are the address (A12:A0) at which to begin the read or
write operation.
The AD9516 serial control port register address decrements
from the register address just written toward 0x000 for multibyte
I/O operations if the MSB first mode is active (default). If the
LSB first mode is active, the register address of the serial control
port increments from the address just written toward 0x232 for
multibyte I/O operations.
For a write, the instruction word is followed by the number of
bytes of data indicated by Bits W1:W0, see Table 47.
Table 47. Byte Transfer Count
W1
Streaming mode always terminates when it hits Address 0x232.
Note that unused addresses are not skipped during multibyte
I/O operations.
Table 48. Streaming Mode (No Addresses Are Skipped)
Write Mode
W0
Bytes to Transfer
0
0
1
0
1
2
1
Address Direction
Stop Sequence
LSB first
0
3
1
1
Streaming mode
Increment
0x230, 0x231, 0x232, stop
MSB first
Decrement
0x001, 0x000, 0x232, stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com