Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-2/PCBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9516-2/PCBZ
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2/PCBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9516-2/PCBZ Datasheet HTML 40Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 41Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 42Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 43Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 44Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 45Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 46Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 47Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
AD9516-2
Rev. 0 | Page 44 of 84
Phase Offset or Coarse Time Delay (0, 1, and 2)
Each channel divider allows for a phase offset, or a coarse time
delay, to be programmed by setting register bits (see Table 38).
These settings determine the number of cycles (successive
rising edges) of the channel divider input frequency by which to
offset, or delay, the rising edge of the output of the divider. This
delay is with respect to a nondelayed output (that is, with a
phase offset of zero). The amount of the delay is set by 5 bits
loaded into the phase offset (PO) register plus the start high
(SH) bit for each channel divider. When the start high bit is set,
the delay is also affected by the number of low cycles (M)
programmed for the divider.
It is necessary to use the SYNC function to make phase offsets
effective (See the Synchronizing the Outputs—SYNC Function
section).
Table 38. Setting Phase Offset and Division for Divider 0,
Divider 1, and Divider 2
Divider
Start
High (SH)
Phase
Offset (PO)
Low Cycles
M
High Cycles
N
0
0x191<4>
0x191<3:0>
0x190<7:4>
0x190<3:0>
1
0x194<4>
0x194<3:0>
0x193<7:4>
0x193<3:0>
2
0x197<4>
0x197<3:0>
0x196<7:4>
0x196<3:0>
Let
Δt = delay (in seconds).
Δc = delay (in cycles of clock signal at input to DX).
TX = period of the clock signal at the input of the divider, DX (in
seconds).
Φ =
16 × SH<4> + 8 × PO<3> + 4 × PO<2> + 2 × PO<1> + 1 × PO<0>
The channel divide-by is set as N = high cycles and M = low
cycles.
Case 1
For Φ ≤ 15:
Δt = Φ × TX
Δc = Δt/TX = Φ
Case 2
For Φ ≥ 16:
Δt = (Φ − 16 + M + 1) × TX
Δc = Δt/TX
By giving each divider a different phase offset, output-to-output
delays can be set in increments of the channel divider input
clock cycle. Figure 53 shows the results of setting such a coarse
offset between outputs.
CHANNEL DIVIDER OUTPUTS
DIV = 4, DUTY = 50%
01
234
567
89 10 11 12 13 14 15
Tx
DIVIDER 0
DIVIDER 1
DIVIDER 2
CHANNEL
DIVIDER INPUT
SH = 0
PO = 0
SH = 0
PO = 1
SH = 0
PO = 2
1 × Tx
2 × Tx
Figure 53. Effect of Coarse Phase Offset (or Delay)
Channel Dividers—LVDS/CMOS Outputs
Channel Divider 3 and Channel Divider 4 each drive a pair of
LVDS outputs, giving four LVDS outputs (OUT6 to OUT9).
Alternatively, each of these LVDS differential outputs can be
configured individually as a pair (A and B) of CMOS single-
ended outputs, providing for up to eight CMOS outputs. By
default, the B output of each pair is off but can be turned on as
desired.
Channel Divider 3 and Channel Divider 4 each consist of two
cascaded, 1 to 32, frequency dividers. The channel frequency
division is DX.1 × DX.2 or up to 1024. Both of the dividers also
have DCC enabled by default, but this function can be disabled,
if desired, by setting the DCCOFF bit of the channel. A coarse
phase offset or delay is also programmable (see the Phase Offset
or Coarse Time Delay (Divider 3 and Divider 4) section). The
channel dividers operate up to 1600 MHz. The features and
settings of the dividers are selected by programming the
appropriate setup and control registers (see Table 51 and Table
52 through Table 61).
Table 39. Setting Division (DX) for Divider 3 and Divider 4
Divider
M
N
Bypass
DCCOFF
3
3.1
0x199<7:4>
0x199<3:0>
0x19C<4>
0x19D<0>
3.2
0x19B<7:4>
0x19B<3:0>
0x19C<5>
0x19D<0>
4
4.1
0x19E<7:4>
0x19E<3:0>
0x1A1<4>
0x1A2<0>
4.2
0x1A0<7:4>
0x1A0<3:0>
0x1A1<5>
0x1A2<0>
Channel Frequency Division (Divider 3 and Divider 4)
The division for each channel divider is set by the bits in the
registers for the individual dividers (X.Y = 3.1, 3.2, 4.1, and 4.2).
Number of Low Cycles = MX.Y + 1
Number of High Cycles = NX.Y + 1
When both X.1 and X.2 are bypassed, DX = 1 × 1 = 1.
When only X.2 is bypassed, DX = (NX.1 + MX.1 + 2) × 1.
When both X.1 and X.2 are not bypassed, DX = (NX.1 + MX.1 + 2) ×
(NX.2 + MX.2 + 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com