Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-2/PCBZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9516-2/PCBZ
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2/PCBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9516-2/PCBZ Datasheet HTML 53Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 54Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 55Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 56Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 57Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 58Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 59Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 60Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
AD9516-2
Rev. 0 | Page 57 of 84
Addr
(Hex)
Parameter
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Value
(Hex)
Fine Delay Adjust: OUT6 to OUT9
A0
OUT6 Delay
Bypass
Blank
OUT6 Delay
Bypass
01
A1
OUT6 Delay
Full-Scale
Blank
OUT6 Ramp Capacitors
OUT6 Ramp Current
00
A2
OUT6 Delay
Fraction
Blank
OUT6 Delay Fraction
00
A3
OUT7 Delay
Bypass
Blank
OUT7 Delay
Bypass
01
A4
OUT7 Delay
Full-Scale
Blank
OUT7 Ramp Capacitors
OUT7 Ramp Current
00
A5
OUT7 Delay
Fraction
Blank
OUT7 Delay Fraction
00
A6
OUT8 Delay
Bypass
Blank
OUT8 Delay
Bypass
01
A7
OUT8 Delay
Full-Scale
Blank
OUT8 Ramp Capacitors
OUT8 Ramp Current
00
A8
OUT8 Delay
Fraction
Blank
OUT8 Delay Fraction
00
A9
OUT9 Delay
Bypass
Blank
OUT9 Delay
Bypass
01
AA
OUT9 Delay
Full-Scale
Blank
OUT9 Ramp Capacitors
OUT9 Ramp Current
00
AB
OUT9 Delay
Fraction
Blank
OUT9 Delay Fraction
00
AC to
EF
Blank
LVPECL Outputs
F0
OUT0
Blank
OUT0
Invert
OUT0 LVPECL
Differential Voltage
OUT0 Power-Down
08
F1
OUT1
Blank
OUT1
Invert
OUT1 LVPECL
Differential Voltage
OUT1 Power-Down
A
F2
OUT2
Blank
OUT2
Invert
OUT2 LVPECL
Differential Voltage
OUT2 Power-Down
08
F3
OUT3
Blank
OUT3
Invert
OUT3 LVPECL
Differential Voltage
OUT3 Power-Down
0A
F4
OUT4
Blank
OUT4
Invert
OUT4 LVPECL
Differential Voltage
OUT4 Power-Down
08
F5
OUT5
Blank
OUT5
Invert
OUT5 LVPECL
Differential Voltage
OUT5 Power-Down
0A
F6 to
13F
Blank
LVDS/CMOS Outputs
140
OUT6
OUT6 CMOS Output
Polarity
OUT6 LVDS/
CMOS
Output
Polarity
OUT6
CMOS B
OUT6 Select
LVDS/CMOS
OUT6 LVDS Output
Current
OUT6
Power-Down
42
141
OUT7
OUT7 CMOS Output
Polarity
OUT7 LVDS/
CMOS
Output
Polarity
OUT7
CMOS B
OUT7 Select
LVDS/CMOS
OUT7 LVDS Output
Current
OUT7
Power-Down
43
142
OUT8
OUT8 CMOS Output
Polarity
OUT8 LVDS/
CMOS
Output
Polarity
OUT8
CMOS B
OUT8 Select
LVDS/CMOS
OUT8 LVDS Output
Current
OUT8
Power-Down
42
143
OUT9
OUT9 CMOS Output
Polarity
OUT9 LVDS/
CMOS
Output
Polarity
OUT9
CMOS B
OUT9 Select
LVDS/CMOS
OUT9 LVDS Output
Current
OUT9
Power-Down
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com