Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-2/PCBZ Datasheet(PDF) 66 Page - Analog Devices

Part # AD9516-2/PCBZ
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2/PCBZ Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9516-2/PCBZ Datasheet HTML 62Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 63Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 64Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 65Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 66Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 67Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 68Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 69Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 84 page
background image
AD9516-2
Rev. 0 | Page 66 of 84
Reg.
Addr
(Hex) Bit(s) Name
Description
<4>
<3> <2>
<1>
<0>
Level or
Dynamic
Signal
Signal at REFMON Pin
1
0
1
0
0
DYN
Unselected reference to PLL (not available when in
differential mode).
1
0
1
0
1
LVL
Status of selected reference (status of differential reference);
active low.
1
0
1
1
0
LVL
Status of unselected reference (not available in differential mode);
active low.
1
0
1
1
1
LVL
Status of REF1 frequency (active low).
1
1
0
0
0
LVL
Status of REF2 frequency (active low).
1
1
0
0
1
LVL
(Status of REF1 frequency) AND (Status of REF2 frequency).
1
1
0
1
0
LVL
(DLD) AND (Status of selected reference) AND (Status of VCO).
1
1
0
1
1
LVL
Status of VCO frequency (active low).
1
1
1
0
0
LVL
Selected reference (low = REF2, high = REF1).
1
1
1
0
1
LVL
Digital lock detect (DLD); active low.
1
1
1
1
0
LVL
Holdover active (active low).
1
1
1
1
1
LVL
LD pin comparator output (active low).
1C
<7>
Disable
Disable or enable the switchover deglitch circuit.
Switchover
<7> = 0; enable switchover deglitch circuit.
Deglitch
<7> = 1; disable switchover deglitch circuit.
1C
<6>
Select REF2
If Register 0x1C<5> = 0, select reference for PLL.
<6> = 0; select REF1.
<6> = 1; select REF2.
1C
<5>
Use REF_SEL If Register 0x1C<4> = 0 (manual), set method of PLL reference selection.
Pin
<5> = 0; use Register 0x1C<6>.
<5> = 1; use REF_SEL pin.
1C
<4>
Automatic
Reference
Automatic or manual reference switchover. Single-ended reference mode must be selected by
Register 0x1C<0> = 0.
Switchover
<4> = 0; manual reference switchover.
<4> = 1; automatic reference switchover.
Stay on REF2 after switchover.
<3> = 0; return to REF1 automatically when REF1 status is good again.
1C
<3>
Stay on REF2
<3> = 1; stay on REF2 after switchover. Do not automatically return to REF1.
1C
<2>
REF2
When automatic reference switchover is disabled, this bit turns the REF2 power on.
Power On
<2> = 0; REF2 power off.
<2> = 1; REF2 power on.
1C
<1>
REF1
When automatic reference switchover is disabled, this bit turns the REF1 power on.
Power On
<1> = 0; REF1 power off.
<1> = 1; REF1 power on.
1C
<0>
Differential
Reference
Selects the PLL reference mode, differential or single-ended. Single-ended must be selected for the
automatic switchover or REF1 and REF2 to work.
<0> = 0; single-ended reference mode.
<0> = 1; differential reference mode.
1D
<4>
PLL Status
Disables the PLL status register readback.
Register
<4> = 0; PLL status register enable.
Disable
<4> = 1; PLL status register disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com