Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-2/PCBZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9516-2/PCBZ
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2/PCBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9516-2/PCBZ Datasheet HTML 56Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 57Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 58Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 59Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 60Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 61Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 62Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 63Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
AD9516-2
Rev. 0 | Page 60 of 84
REGISTER MAP DESCRIPTIONS
Table 52 through Table 61 provide a detailed description of each of the control register functions. The registers are listed by hexadecimal
address. Reference to a specific bit or range of bits within a register is indicated by angle brackets. For example, <3> refers to Bit 3, and
<5:2> refers to the range of bits from Bit 5 through Bit 2.
Table 52. Serial Port Configuration
Reg. Addr (Hex)
Bit(s)
Name
Description
00
<7>
SDO Active
Selects unidirectional or bidirectional data transfer mode.
<7> = 0; SDIO pin used for write and read; SDO set high impedance; bidirectional mode.
<7> = 1; SDO used for read; SDIO used for write; unidirectional mode.
00
<6>
LSB First
MSB or LSB data orientation.
<6> = 0; data-oriented MSB first; addressing decrements.
<6> = 1; data-oriented LSB first; addressing increments.
00
<5>
Soft Reset
Soft Reset
<5> = 1 (not self-clearing). Soft reset; restores default values to internal registers.
Not self-clearing. Must be cleared to 0b to complete reset operation.
00
<4>
Long Instruction
Short/long instruction mode (this part uses long instruction mode only, so this bit
should always be =1).
<4> = 0; 8-bit instruction (short).
<4> = 1; 16-bit instruction (long).
00
<3:0>
Mirror <7:4>
Bits<3:0> should always mirror <7:4> so that it does not matter whether the part
is in MSB or LSB first mode (see Register 0x00 <6>). User should set bits as follows:
<0> = <7>.
<1> = <6>.
<2> = <5>.
<3> = <4>.
04
<0>
Read Back Active Registers
Select register bank used for a readback.
<0> = 0; read back buffer registers.
<0> = 1; read back active registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com