Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-2/PCBZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9516-2/PCBZ
Description  14-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-2/PCBZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9516-2/PCBZ Datasheet HTML 57Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 58Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 59Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 60Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 61Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 62Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 63Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 64Page - Analog Devices AD9516-2/PCBZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
AD9516-2
Rev. 0 | Page 61 of 84
Table 53. PLL
Reg.
Addr
(Hex) Bit(s) Name
Description
10
<7>
PFD Polarity Sets the PFD polarity. Negative polarity is for use (if needed) with external VCO/VCXO only.
The on-chip VCO requires positive polarity <7> = 0.
<7> = 0; positive (higher control voltage produces higher frequency).
<7> = 1; negative (higher control voltage produces lower frequency).
10
<6:4> CP Current
Charge pump current (with CPRSET = 5.1 kΩ).
<6> <5> <4>
ICP (mA)
0
0
0
0.6
0
0
1
1.2
0
1
0
1.8
0
1
1
2.4
1
0
0
3.0
1
0
1
3.6
1
1
0
4.2
1
1
1
4.8
10
<3:2> CP Mode
Charge pump operating mode.
<3>
<2>
Charge Pump Mode
0
0
High impedance state.
0
1
Force source current (pump up).
1
0
Force sink current (pump down).
1
1
Normal operation.
10
<1:0> PLL Power-
PLL operating mode.
Down
<1>
<0>
Mode
0
0
Normal operation.
0
1
Asynchronous power-down.
1
0
Normal operation.
1
1
Synchronous power-down.
11
<7:0> 14-Bit
R Divider
Bits<7:0>
(LSB)
R divider LSBs—lower eight bits.
12
<5:0> 14-Bit
R Divider
Bits<13:8>
(MSB)
R divider MSBs—upper six bits.
13
<5:0> 6-Bit
A Counter
A counter (part of N divider).
14
<7:0> 13-Bit
B Counter
Bits<7:0>
(LSB)
B counter (part of N divider)—lower eight bits.
15
<4:0> 13-Bit
B Counter
Bits<12:8>
(MSB)
B counter (part of N divider)—upper five bits.
16
<7>
Set CP Pin
Set the CP pin to one-half of the VCP supply voltage.
to VCP/2
<7> = 0; CP normal operation.
<7> = 1; CP pin set to VCP/2.
16
<6>
Reset R
Reset R counter (R divider).
Counter
<6> = 0; normal.
<6> = 1; reset R counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com