Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9747-EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9747-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747-EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9747-EBZ Datasheet HTML 10Page - Analog Devices AD9747-EBZ Datasheet HTML 11Page - Analog Devices AD9747-EBZ Datasheet HTML 12Page - Analog Devices AD9747-EBZ Datasheet HTML 13Page - Analog Devices AD9747-EBZ Datasheet HTML 14Page - Analog Devices AD9747-EBZ Datasheet HTML 15Page - Analog Devices AD9747-EBZ Datasheet HTML 16Page - Analog Devices AD9747-EBZ Datasheet HTML 17Page - Analog Devices AD9747-EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 14 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
40
50
60
70
80
90
100
0
2040
6080
100
120
250MSPS
125MSPS
fOUT (MHz)
Figure 7. AD9747 SFDR vs. fOUT, Normal Mode
150
175
200
225
40
50
60
70
80
90
100
125
250
fOUT (MHz)
Figure 8. AD9747 SFDR vs. fOUT, Mix Mode, 250 MSPS
60
65
70
75
80
85
90
50
100
150
200
0
250
fOUT (MHz)
NORMAL MODE
MIX MODE
Figure 9. AD9747 ACLR vs. fOUT, Single Carrier WCDMA, 245.76 MSPS
40
50
60
70
80
90
100
0
2040
6080
100
120
250MSPS
fOUT (MHz)
125MSPS
Figure 10. AD9747 IMD vs. fOUT, Normal Mode
150
175
200
225
40
50
60
70
80
90
100
125
250
fOUT (MHz)
Figure 11. AD9747 IMD vs. fOUT, Mix Mode, 250 MSPS
–168
–166
–164
–162
–160
–158
–156
–154
–152
50
100
150
200
02
fOUT (MHz)
50
NORMAL MODE
MIX MODE
Figure 12. AD9747 NSD vs. fOUT, Single Carrier WCDMA, 245.76 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com