Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9747-EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9747-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747-EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9747-EBZ Datasheet HTML 16Page - Analog Devices AD9747-EBZ Datasheet HTML 17Page - Analog Devices AD9747-EBZ Datasheet HTML 18Page - Analog Devices AD9747-EBZ Datasheet HTML 19Page - Analog Devices AD9747-EBZ Datasheet HTML 20Page - Analog Devices AD9747-EBZ Datasheet HTML 21Page - Analog Devices AD9747-EBZ Datasheet HTML 22Page - Analog Devices AD9747-EBZ Datasheet HTML 23Page - Analog Devices AD9747-EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 20 of 28
SPI REGISTER MAP
Reading any register returns previously written values for all defined register bits, unless otherwise noted. Change serial port configu-
ration or execute software reset in single byte instruction only to avoid unexpected device behavior.
Table 14.
Register Name
Address
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SPI Control
0x00
0x00
SDIODIR
LSBFIRST
SWRESET
Data Control
0x02
0x00
DATTYPE
ONEPORT
INVDCO
Power Down
0x03
0x00
PD_DCO
PD_AUX2
PD_AUX1
PD_BIAS
PC_CLK
PD_DAC2
PD_DAC1
DAC Mode Select
0x0A
0x00
DAC1MOD<1:0>
DAC2MOD<1:0>
DAC1 Gain LSB
0x0B
0xF9
DAC1FSC<7:0>
DAC1 Gain MSB
0x0C
0x01
DAC1FSC<9:8>
AUX DAC1 LSB
0x0D
0x00
AUXDAC1<7:0>
AUX DAC1 MSB
0x0E
0x00
AUX1PIN
AUX1DIR
AUXDAC1<9:8>
DAC2 Gain LSB
0x0F
0xF9
DAC2FSC<7:0>
DAC2 Gain MSB
0x10
0x01
DAC2FSC<9:8>
AUX DAC2 LSB
0x11
0x00
AUXDAC2<7:0>
AUX DAC2 MSB
0x12
0x00
AUX2PIN
AUX2DIR
AUXDAC2<9:8>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com