Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9747-EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9747-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747-EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9747-EBZ Datasheet HTML 20Page - Analog Devices AD9747-EBZ Datasheet HTML 21Page - Analog Devices AD9747-EBZ Datasheet HTML 22Page - Analog Devices AD9747-EBZ Datasheet HTML 23Page - Analog Devices AD9747-EBZ Datasheet HTML 24Page - Analog Devices AD9747-EBZ Datasheet HTML 25Page - Analog Devices AD9747-EBZ Datasheet HTML 26Page - Analog Devices AD9747-EBZ Datasheet HTML 27Page - Analog Devices AD9747-EBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 27 of 28
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VNND-3
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
0.05 MAX
0.02 NOM
SEATING
PLANE
1
18
54
37
19
36
72
55
0.50
0.40
0.30
0.30
0.23
0.18
9.00 REF
0.60 MAX
0.60 MAX
4.70
BSC SQ
PIN 1
INDICATOR
0.50
BSC
EXPOSED
PAD
(BOTTOM VIEW)
PIN 1
INDICATOR
TOP VIEW
9.75
BSC SQ
10.00
BSC SQ
EXPOSED PAD MUST BE
SOLDERED TO PCB AND
CONNECTED TO AVSS.
Figure 44. 72-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
10 mm × 10 mm, Very Thin Quad
(CP-72-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD9741BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9741BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9743BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9743BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9745BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9745BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9746BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9746BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9747BCPZ1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9747BCPZRL1
−40°C to +85°C
72-Lead LFCSP_VQ
CP-72-1
AD9741-EBZ1
Evaluation Board
AD9743-EBZ1
Evaluation Board
AD9745-EBZ1
Evaluation Board
AD9746-EBZ1
Evaluation Board
AD9747-EBZ1
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com