Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9747-EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9747-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747-EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9747-EBZ Datasheet HTML 20Page - Analog Devices AD9747-EBZ Datasheet HTML 21Page - Analog Devices AD9747-EBZ Datasheet HTML 22Page - Analog Devices AD9747-EBZ Datasheet HTML 23Page - Analog Devices AD9747-EBZ Datasheet HTML 24Page - Analog Devices AD9747-EBZ Datasheet HTML 25Page - Analog Devices AD9747-EBZ Datasheet HTML 26Page - Analog Devices AD9747-EBZ Datasheet HTML 27Page - Analog Devices AD9747-EBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 26 of 28
30
24
18
12
6
0
0
50
100
150
200
250
fDAC (MHz)
25
75
125
175
225
AD9747
AD9741
Figure 43 shows the power consumption for each power supply
domain as well as the total power consumption. Individual bars
within each group display the power in full active mode (blue)
vs. power for five increasing levels of power-down.
0
50
100
150
200
250
300
350
AVDD33
DVDD18
CVDD18
DVDD33
TOT PWR
FULL ACTIVE
DCO OFF
AUX OFF
DAC OFF
CLK OFF
BIAS OFF
Figure 41. DVDD18 Current vs. fDAC
15
13
11
9
7
5
0
50
100
150
200
250
fDAC (MHz)
25
75
125
175
225
Figure 43. Power Dissipation vs. Power-Down Mode
The overall power consumption is dominated by AVDD33 and
significant power savings can be achieved simply by disabling
the DAC outputs. Also, disabling the DAC outputs is a signifi-
cant way to conserve power and still maintain a fast wake-up
time. Full power-down disables all circuitry for minimum
power consumption. Note, however, that even in full power-
down, there is a small power draw (25 mW) due to incoming
data activity. To lower power consumption to near zero, all
incoming data activity must be halted.
Figure 42. CVDD18 Current vs. fDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com