Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9747-EBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9747-EBZ
Description  Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9747-EBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9747-EBZ Datasheet HTML 11Page - Analog Devices AD9747-EBZ Datasheet HTML 12Page - Analog Devices AD9747-EBZ Datasheet HTML 13Page - Analog Devices AD9747-EBZ Datasheet HTML 14Page - Analog Devices AD9747-EBZ Datasheet HTML 15Page - Analog Devices AD9747-EBZ Datasheet HTML 16Page - Analog Devices AD9747-EBZ Datasheet HTML 17Page - Analog Devices AD9747-EBZ Datasheet HTML 18Page - Analog Devices AD9747-EBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD9741/AD9743/AD9745/AD9746/AD9747
Rev. 0 | Page 15 of 28
30mAFS
40
50
60
70
80
90
100
0
20
40
60
80
100
120
fOUT (MHz)
10mAFS
20mAFS
Figure 13. AD9747 SFDR vs. Analog Output, 250 MSPS
–3dBFS
40
50
60
70
80
90
100
0
20
40
60
80
100
120
fIN (MHz)
–6dBFS
0dBFS
Figure 14. AD9747 SFDR vs. Digital Input, 250 MSPS
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100 110
RANGE OF POSSIBLE SFDR
PERFORMANCE IS DEPENDENT ON
INPUT DATA TIMING RELATIVE TO
THE DAC CLOCK. SEE INPUT DATA
TIMING SECTION.
fOUT (MHz)
Figure 15. AD9747 SFDR vs. fOUT Over Input Data Timing
10mAFS
20mAFS
30mAFS
40
50
60
70
80
90
100
0
2040
6080
100
120
fOUT (MHz)
Figure 16. AD9747 IMD vs. Analog Output, 250 MSPS
0dBFS
–3dBFS
40
50
60
70
80
90
100
0
2040
6080
100
120
fIN (MHz)
–6dBFS
Figure 17. AD9747 IMD vs. Digital Input, 250 MSPS
fOUT (MHz)
60
65
70
75
80
85
90
20
30
40
50
60
70
80
90
100 110
10
RANGE OF IMD PERFORMANCE IS
ESSENTIALLY INDEPENDENT OF
INPUT DATA TIMING RELATIVE TO
THE DAC CLOCK. SEE INPUT DATA
TIMING SECTION.
Figure 18. AD9747 IMD vs. fOUT Over Input Data Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com