Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PTQ44A-R Datasheet(PDF) 24 Page - InnovASIC, Inc

Part # IA82527-PTQ44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PTQ44A-R Datasheet(HTML) 24 Page - InnovASIC, Inc

Back Button IA82527-PTQ44A-R Datasheet HTML 20Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 21Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 22Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 23Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 24Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 25Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 26Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 27Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 28Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 24 of 45
1-888-824-4184
©
Address
Register/Message
00H
Control Register
01H
Status Register
02H
CPU Interface Register
03H
Reserved
04–05H
High-Speed Read Register
06–07H
Global Mask – Standard
08–0BH
Global Mask – Extended
0V-0FH
Message 15 Mask
10–1EH
Message 1
1FH
CLKOUT Register
20–2EH
Message 2
2FH
Bus Configuration Register
30–3EH
Message 3
3FH
Bit Timing Register 0
40–4EH
Message 4
4FH
Bit Timing Register 1
50–5EH
Message 5
5FH
Interrupt Register
60–6EH
Message 6
6FH
Reserved
70H–7EH
Message 7
7FH
Reserved
80–8EH
Message 8
8FH
Reserved
90–9EH
Message 9
9FH
P1CONF Register
A0–AEH
Message 10
AFH
P2CONF Register
B0–BEH
Message 11
BFH
P1IN Register
C0–CEH
Message 12
CFH
P2IN Register
D0–DEH
Message 13
DFH
P1OUT Register
E0–EEH
Message 14
EFH
P2OUT Register
F0–FEH
Message 15
FFH
Serial Reset Address Register
Figure 5. IA82527 Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com