Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PTQ44A-R Datasheet(PDF) 17 Page - InnovASIC, Inc

Part # IA82527-PTQ44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PTQ44A-R Datasheet(HTML) 17 Page - InnovASIC, Inc

Back Button IA82527-PTQ44A-R Datasheet HTML 13Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 14Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 15Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 17Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 18Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 19Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 20Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 21Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 17 of 45
1-888-824-4184
©
Table 3. IA82527 Pin/Signal Descriptions, continued
Pin
Signal
Name
PLCC
QFP
Description
wr_n
wr_n/wrl_n/r-w_n
7
1
write. Input. Active Low. Mode 0.
When wr_n is asserted (low), it signals a write cycle.
wrh_n
wrh_n/p2.7
10
4
write high byte. Input. Active Low. Mode 1.
When wrh_n is asserted (low), it signals a write cycle for the high
byte of data (bits 15–8).
wrl_n
wr_n/wrl_n/r-w_n
7
1
write low byte. Input. Active Low. Mode 1.
When wrl_n is asserted (low), it signals a write cycle for the low byte
of data (bits 7–0).
xtal1
—
18
12
Crystal (xtal) 1. Input.
The xtal1 pin is the input connection for an external crystal that
drives the IA82527 internal oscillator. (When an external crystal is
used, it is connected between this pin and the xtal2 pin—see next
table entry.)
NOTE: If an external oscillator or clock source is used to drive the
IA82527 instead of a crystal, the xtal1 pin is the input for this clock
source.
xtal2
—
19
13
Crystal (xtal) 2. Output (push-pull).
The xtal2 pin is the output connection for an external crystal that
drives the IA82527 internal oscillator. (When an external crystal is
used, it is connected between this pin and the xtal1 pin—see
previous table entry.)
NOTE: If an external oscillator or clock source is used to drive the
IA82527 instead of a crystal, xtal2 must be left unconnected (i.e.,
must be floated). Additionally, the xtal2 output must not be used as a
clock source for other system components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com