Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PTQ44A-R Datasheet(PDF) 18 Page - InnovASIC, Inc

Part # IA82527-PTQ44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PTQ44A-R Datasheet(HTML) 18 Page - InnovASIC, Inc

Back Button IA82527-PTQ44A-R Datasheet HTML 14Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 15Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 17Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 18Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 19Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 20Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 21Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 22Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 18 of 45
1-888-824-4184
©
3.
Maximum Ratings, Thermal Characteristics, and DC Parameters
For the Innovasic Semiconductor IA82527 Serial Communications Controller, the absolute
maximum ratings, thermal characteristics, and DC parameters are provided in Tables 4–6,
respectively.
Additionally, the DC parameters of the ISO Physical Layer are provided in Table 7.
NOTE
The values provided in the following tables are preliminary.
Table 4. IA82527 Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65°C to +150°C
Case Temperature under Bias
−65°C to +120°C
Supply Voltage with Respect to Vss
−0.5V to +6.5V
Voltage on Pins other than Supply with Respect to Vss
−0.5V to +5.5V
Table 5. IA82527 Thermal Characteristics
Symbol
Characteristic
Value
Units
TA
Ambient Temperature
User Determined
°C
PINT
Device Internal Power Dissipation
IDD x VDD
W
PI/O
I/O Pin Power Dissipation
User Determined
W
PD
Total Power Dissipation
PINT + PI/O
W
44-Pin PLCC Package
To Be Determined
ΘJa
44-Pin QFP Package
To Be Determined
°C/W
TJ
Average Junction Temperature
TA + (PD x ΘJa)
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com