Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PTQ44A-R Datasheet(PDF) 43 Page - InnovASIC, Inc

Part # IA82527-PTQ44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PTQ44A-R Datasheet(HTML) 43 Page - InnovASIC, Inc

Back Button IA82527-PTQ44A-R Datasheet HTML 37Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 38Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 39Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 40Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 41Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 42Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 43Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 44Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 45Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 43 of 45
1-888-824-4184
©
Figure 18. 44-Pin PLCC Physical Dimensions
Table 13. 44-Pin PLCC Physical Dimensions
Dimension
Minimum
Nominal
Maximum
Units
Number of Pins
n
—
44
—
—
Number of Pins per Side
n1
—
11
—
—
Pitch
p
—
0.0500
—
Overall Height
A
0.1650
—
0.1800
Molded Package Thickness
A2
0.1450
—
0.1600
Standoff
A1
0.0200
—
—
Overall Width
E
0.6850
—
0.6950
Overall Length
D
0.6850
—
0.6950
Molded Package Width
E1
0.6500
—
0.6560
Molded Package Length
D1
0.6500
—
0.6560
Lead Thickness
c
0.0077
—
0.1160
Lead Width
B
0.0130
0.0170
0.0210
Pin 1 Corner Chamfer
CH
0.0420
—
0.0560
inches
Mold Draft Angle Top
α
—
7.00
—
Mold Draft Angle Bottom
β
—
7.00
—
degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com