Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA82527-PTQ44A-R Datasheet(PDF) 13 Page - InnovASIC, Inc

Part # IA82527-PTQ44A-R
Description  Serial Communications Controller CAN Protocol
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82527-PTQ44A-R Datasheet(HTML) 13 Page - InnovASIC, Inc

Back Button IA82527-PTQ44A-R Datasheet HTML 9Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 10Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 11Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 12Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 13Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 14Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 15Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 16Page - InnovASIC, Inc IA82527-PTQ44A-R Datasheet HTML 17Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
IA82527
04 May 2007
CAN Serial Communications Controller
As of Production Ver. 00
PRELIMINARY
Copyright 
 2007
EN21070504-00
www.Innovasic.com
Customer Support:
Page 13 of 45
1-888-824-4184
©
Table 3. IA82527 Pin/Signal Descriptions, continued
Pin
Signal
Name
PLCC
QFP
Description
miso
ready/miso
28
22
master in slave out. Output (open drain). Serial Interface Mode.
When the IA82527 is configured to operate with a serial interface,
miso is the serial data output.
mode0
44
38
mode1
30
24
modeN (N = 1 or 0). Input.
The logic levels at the mode0 and mode1 inputs determine the
operating mode (i.e., interface type) of the IA82527 as follows:
mode1
mode0
Interface Type
0
0
8-bit Multiplexed Intel
®
0
1
16-bit Multiplexed Intel
®
1
0
8-bit Multiplexed Non-Intel
®
1
1
8-bit Non-Multiplexed Non-Intel
®
The mode1 and mode0 inputs are also used to establish the Serial
Interface Mode as follows: when the IA82527 is reset, if
mode1 = 0
mode0 = 0
rd_n = 0
wr_n = 0
the Serial Interface Mode will be selected.
The mode1 and mode0 pins are internally connected to weak pull-
downs. These pins will be pulled low during reset if unconnected.
Following reset, these pins will float.
mosi
a4/ad4/mosi
42
36
master out slave in. Input. Serial Interface Mode.
When the IA82527 is configured to operate with a serial interface,
mosi is the serial data input.
continued
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com