Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F802 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
JTAG Timing
56F802 Technical Data, Rev. 9
Freescale Semiconductor
29
1. Parasitic capacitance due to package, pin to pin, and pin to package base coupling. (1.8pf)
2. Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing. (2.04pf)
3. Equivalent resistance for the ESD isolation resistor and the channel select mux. (500 ohms)
4. Sampling capacitor at the sample and hold circuit. Capacitor 4 is normally disconnected from the input and is only connected to it at
sampling time. (1pf)
Figure 3-13 Equivalent Analog Input Circuit
3.10 JTAG Timing
Table 3-14 JTAG Timing 1, 3
Operating Conditions: VSS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50 pF
1. Timing is both wait state and frequency dependent. For the values listed, T = clock cycle. For 80MHz
operation, T = 12.5ns.
Characteristic
Symbol
Min
Max
Unit
TCK frequency of operation2
2. TCK frequency of operation must be less than 1/8 the processor rate.
3. Parameters listed are guaranteed by design.
fOP
DC
10
MHz
TCK cycle time
tCY
100
—
ns
TCK clock pulse width
tPW
50
—
ns
TMS, TDI data setup time
tDS
0.4
—
ns
TMS, TDI data hold time
tDH
1.2
—
ns
TCK low to TDO data valid
tDV
—
26.6
ns
TCK low to TDO tri-state
tTS
—
23.5
ns
TRST assertion time
tTRST
50
—
ns
1
2
3
4
ADC analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com