Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F802 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
56F802 Technical Data, Rev. 9
14
Freescale Semiconductor
The 56F802 DC and AC electrical specifications are preliminary and are from design simulations. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle. Finalized
specifications will be published after complete characterization and device qualifications have been
completed.
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields.
However,
normal
precautions
are
advised
to
avoid
application of any voltages higher than maximum rated
voltages to this high-impedance circuit. Reliability of
operation is enhanced if unused inputs are tied to an
appropriate voltage level.
Table 3-1 Absolute Maximum Ratings
Characteristic
Symbol
Min
Max
Unit
Supply voltage
VDD
VSS – 0.3
VSS + 4.0
V
All other input voltages, excluding Analog inputs
VIN
VSS – 0.3
VSS + 5.5V
V
Voltage difference VDD to VDDA
ΔVDD
- 0.3
0.3
V
Voltage difference VSS to VSSA
ΔVSS
- 0.3
0.3
V
Analog Inputs ANAx, VREF
VIN
VSS – 0.3
VDDA + 0.3V
V
Current drain per pin excluding VDD, VSS, & PWM ouputs
I
—
10
mA
Table 3-2 Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Supply voltage, digital
VDD
3.0
3.3
3.6
V
Supply Voltage, analog
VDDA
3.0
3.3
3.6
V
Voltage difference VDD to VDDA
ΔVDD
-0.1
-
0.1
V
Voltage difference VSS to VSSA
ΔVSS
-0.1
-
0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com