Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F802 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Package and Pin-Out Information 56F802
56F802 Technical Data, Rev. 9
Freescale Semiconductor
33
Figure 4-2 32-pin LQFP Mechanical Information (Case 873A)
Please see www.freescale.com for the most current case outline.
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2.
CONTROLLING DIMENSION: MILLIMETER.
3.
DATUM PLANE A, B AND D TO BE DETERMINED
AT DATUM PLANE H.
4.
DIMENSIONS D AND E TO BE DETERMINED AT
SEATING PLANE C.
5.
DIMENSIONS b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL NOT CAUSE THE LEAD
WIDTH TO EXCEED THE MAXIMUM b DIMENSION
BY MORE THEN 0.08 MM. DAMBAR CANNOT BE
LOCATED ON THE LOWER RADIUS OR THE FOOT.
MINIMUM SPACE BETWEEN PROTRUSION AND
ADJACENT LEAD OR PROTURSION: 0.07 MM.
6.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS 0.25
MM PER SIDE. D1 AND E1 ARE MAXIMUM PLASTIC
BODY SIZE DIMENSIONS INCLUDING MOLD
MISMATCH.
7.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8.
THESE DIMENSIONS APPLY TO THE FLAT
SECTION OF THE LEAD BETWEEN 0.1 MM AND 0.25
MM FROM THE LEAD TIP.
DIM
A
MIN
MAX
MILLIMETERS
A1
A2
b
b1
0.30
0.40
c
0.09
0.20
c1
0.09
0.16
D
D1
7.00 BSC
e
E
E1
L1
1.00 REF
O
07
O1
12
L
0.70
R1
0.08
0.20
R2
°
1.40
1.60
0.05
1.45
0.15
1.35
0.45
0.30
9.00 BSC
S
0.20 REF
0.80 BSC
9.00 BSC
7.00 BSC
0.50
°
° REF
0.08
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com