Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F802 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  DSP56F802 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
56F802 Description
56F802 Technical Data, Rev. 9
Freescale Semiconductor
5
•
Computer-Operating Properly (COP) watchdog timer
•
External interrupts via GPIO
•
Trimmable on-chip relaxation oscillator
•
External reset pin for hardware reset
•
JTAG/On-Chip Emulation (OnCE™) for unobtrusive, processor speed-independent debugging
•
Software-programmable, Phase Locked Loop-based frequency synthesizer for the controller core clock
1.1.4
Energy Information
•
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
•
Uses a single 3.3V power supply
•
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
•
Wait and Stop modes available
•
Integrated power supervisor
1.2 56F802 Description
The 56F802 is a member of the 56800 core-based family of processors. It combines, on a single chip, the
processing power of a DSP and the functionality of a microcontroller with a flexible set of peripherals to
create an extremely cost-effective solution. Because of its low cost, configuration flexibility, and
compact program code, the 56F802 is well-suited for many applications. The 56F802 includes many
peripherals that are especially useful for applications such as motion control, home appliances, encoders,
tachometers, limit switches, power supply and control, engine management, and industrial control for
power, lighting, automation and HVAC.
The 56800 core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact code for both
DSP and MCU applications. The instruction set is also highly efficient for C compilers to enable rapid
development of optimized control applications.
The 56F802 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56F802 also provides and up to 4
General Purpose Input/Output (GPIO) lines, depending on peripheral configuration.
The 56F802 controller includes 8K words (16-bit) of Program Flash and 2K words of Data Flash (each
programmable through the JTAG port) with 1K words of both Program and Data RAM. A total of 2K
words of Boot Flash is incorporated for easy customer-inclusion of field-programmable software routines
that can be used to program the main Program and Data Flash memory areas. Both Program and Data Flash
memories can be independently bulk erased or erased in page sizes of 256 words. The Boot Flash memory
can also be either bulk or page erased.
A key application-specific feature of the 56F802 is the inclusion of a Pulse Width Modulator (PWM)
module. This modules incorporates six complementary, individually programmable PWM signal outputs
to enhance motor control functionality. Complementary operation permits programmable dead-time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com