Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56F802 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
General Characteristics
56F802 Technical Data, Rev. 9
Freescale Semiconductor
15
Notes:
1. Theta-JA determined on 2s2p test boards is frequently lower than would be observed in an application.
Determined on 2s2p thermal test board.
2. Junction to ambient thermal resistance, Theta-JA (RθJA) was simulated to be equivalent to the JEDEC
specification JESD51-2 in a horizontal configuration in natural convection. Theta-JA was also simulated on
a thermal test board with two internal planes (2s2p where s is the number of signal layers and p is the number
of planes) per JESD51-6 and JESD51-7. The correct name for Theta-JA for forced convection or with the
non-single layer boards is Theta-JMA.
3. Junction to case thermal resistance, Theta-JC (RθJC), was simulated to be equivalent to the measured values
using the cold plate technique with the cold plate temperature used as the "case" temperature. The basic cold
plate measurement technique is described by MIL-STD 883D, Method 1012.1. This is the correct thermal
metric to use to calculate thermal performance when the package is being used with a heat sink.
4. Thermal Characterization Parameter, Psi-JT (
ΨJT), is the "resistance" from junction to reference point
thermocouple on top center of case as defined in JESD51-2.
ΨJT is a useful value to use to estimate junction
temperature in steady state customer environments.
ADC reference voltage1
VREF
2.7
–
VDDA
V
Ambient operating temperature
TA
–40
–
85
°C
1. VREF must be 0.3V below VDDA.
Table 3-3 Thermal Characteristics6
Characteristic
Comments
Symbol
Value
Unit
Note
s
32-pin LQFP
Junction to ambient
Natural convection
RθJA
50.2
°C/W
2
Junction to ambient (@1m/sec)
RθJMA
47.1
°C/W
2
Junction to ambient
Natural convection
Four layer board (2s2p)
RθJMA
(2s2p)
38.7
°C/W
1,2
Junction to ambient (@1m/sec)
Four layer board (2s2p)
RθJMA
37.4
°C/W
1,2
Junction to case
RθJC
17.8
°C/W
3
Junction to center of case
ΨJT
3.07
°C/W
4
I/O pin power dissipation
P I/O
User Determined
W
Power dissipation
P D
P D = (IDD x VDD + P I/O)
W
Junction to center of case
PDMAX
(TJ - TA) /R
θJA
W
7
Table 3-2 Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com