Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-RBN7TG Datasheet(PDF) 7 Page - STMicroelectronics

Part # M93C56-RBN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-RBN7TG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M93C56-RBN7TG Datasheet HTML 3Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 4Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 5Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 6Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 7Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 8Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 9Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 10Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7/31
M93C86, M93C76, M93C66, M93C56, M93C46
INSTRUCTIONS
The instruction set of the M93Cx6 devices con-
tains seven instructions, as summarized in Table
5. to Table 7.. Each instruction consists of the fol-
lowing parts, as shown in Figure 4.:
■
Each instruction is preceded by a rising edge
on Chip Select Input (S) with Serial Clock (C)
being held Low.
■
A start bit, which is the first ‘1’ read on Serial
Data Input (D) during the rising edge of Serial
Clock (C).
■
Two op-code bits, read on Serial Data Input
(D) during the rising edge of Serial Clock (C).
(Some instructions also use the first two bits of
the address to define the op-code).
■
The address bits of the byte or word that is to
be accessed. For the M93C46, the address is
made up of 6 bits for the x16 organization or 7
bits for the x8 organization (see Table 5.). For
the M93C56 and M93C66, the address is
made up of 8 bits for the x16 organization or 9
bits for the x8 organization (see Table 6.). For
the M93C76 and M93C86, the address is
made up of 10 bits for the x16 organization or
11 bits for the x8 organization (see Table 7.).
The M93Cx6 devices are fabricated in CMOS
technology and are therefore able to run as slow
as 0 Hz (static input signals) or as fast as the max-
imum ratings specified in Table 20. to Table 23..
Table 5. Instruction Set for the M93C46
Note: 1. X = Don't Care bit.
Instruc
tion
Description
Start
bit
Op-
Code
x8 Origination (ORG = 0)
x16 Origination (ORG = 1)
Address(1)
Data
Required
Clock
Cycles
Address(1)
Data
Required
Clock
Cycles
READ
Read Data from
Memory
1
10
A6-A0
Q7-Q0
A5-A0
Q15-Q0
WRITE
Write Data to
Memory
1
01
A6-A0
D7-D0
18
A5-A0
D15-D0
25
EWEN
Erase/Write Enable
1
00
11X XXXX
10
11 XXXX
9
EWDS
Erase/Write Disable
1
00
00X XXXX
10
00 XXXX
9
ERASE
Erase Byte or Word
1
11
A6-A0
10
A5-A0
9
ERAL
Erase All Memory
1
00
10X XXXX
10
10 XXXX
9
WRAL
Write All Memory
with same Data
1
00
01X XXXX
D7-D0
18
01 XXXX
D15-D0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com