Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-RBN7TG Datasheet(PDF) 13 Page - STMicroelectronics

Part # M93C56-RBN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-RBN7TG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M93C56-RBN7TG Datasheet HTML 9Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 10Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 11Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 12Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 13Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 14Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 15Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 16Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13/31
M93C86, M93C76, M93C66, M93C56, M93C46
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 8. Absolute Maximum Ratings
Note: 1. TLEADmax must not be applied for more than 10s.
2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω).
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient Operating Temperature
–40
130
°C
TSTG
Storage Temperature
–65
150
°C
TLEAD
PDIP-Specific Lead Temperature during Soldering
260(1)
°C
VOUT
Output range (Q = VOH or Hi-Z)
–0.50
VCC+0.5
V
VIN
Input range
–0.50
VCC+1
V
VCC
Supply Voltage
–0.50
6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model)(2)
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com