Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-RBN7TG Datasheet(PDF) 9 Page - STMicroelectronics

Part # M93C56-RBN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-RBN7TG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M93C56-RBN7TG Datasheet HTML 5Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 6Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 7Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 8Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 9Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 10Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 11Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 12Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9/31
M93C86, M93C76, M93C66, M93C56, M93C46
Read
The Read Data from Memory (READ) instruction
outputs data on Serial Data Output (Q). When the
instruction is received, the op-code and address
are decoded, and the data from the memory is
transferred to an output shift register. A dummy 0
bit is output first, followed by the 8-bit byte or 16-
bit word, with the most significant bit first. Output
data changes are triggered by the rising edge of
Serial Clock (C). The M93Cx6 automatically incre-
ments the internal address register and clocks out
the next byte (or word) as long as the Chip Select
Input (S) is held High. In this case, the dummy 0 bit
is
not output between bytes (or words) and a con-
tinuous stream of data can be read.
Erase/Write Enable and Disable
The Erase/Write Enable (EWEN) instruction en-
ables the future execution of erase or write instruc-
tions, and the Erase/Write Disable (EWDS)
instruction disables it. When power is first applied,
the M93Cx6 initializes itself so that erase and write
instructions are disabled. After an Erase/Write En-
able (EWEN) instruction has been executed, eras-
ing and writing remains enabled until an Erase/
Write Disable (EWDS) instruction is executed, or
until VCC falls below the power-on reset threshold
voltage. To protect the memory contents from ac-
cidental corruption, it is advisable to issue the
Erase/Write Disable (EWDS) instruction after ev-
ery write cycle. The Read Data from Memory
(READ) instruction is not affected by the Erase/
Write Enable (EWEN) or Erase/Write Disable
(EWDS) instructions.
Figure 4. READ, WRITE, EWEN, EWDS Sequences
Note: For the meanings of An, Xn, Qn and Dn, see Table 5., Table 6. and Table 7..
AI00878C
1 1 0 An
A0
Qn
Q0
DATA OUT
D
S
Q
READ
S
WRITE
ADDR
OP
CODE
1 0An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
S
ERASE
WRITE
ENABLE
1
0Xn X0
D
OP
CODE
1
01
S
ERASE
WRITE
DISABLE
1
0Xn X0
D
OP
CODE
0
0
0
CHECK
STATUS
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com