Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-RBN7TG Datasheet(PDF) 15 Page - STMicroelectronics

Part # M93C56-RBN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-RBN7TG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M93C56-RBN7TG Datasheet HTML 11Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 12Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 13Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 14Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 15Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 16Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 17Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 18Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15/31
M93C86, M93C76, M93C66, M93C56, M93C46
Table 12. AC Measurement Conditions (M93Cx6)
Note: 1. Output Hi-Z is defined as the point where data out is no longer driven.
Table 13. AC Measurement Conditions (M93Cx6-W and M93Cx6-R)
Note: 1. Output Hi-Z is defined as the point where data out is no longer driven.
Figure 8. AC Testing Input Output Waveforms
Table 14. Capacitance
Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 1MHz.
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
100
pF
Input Rise and Fall Times
50
ns
Input Pulse Voltages
0.4 V to 2.4 V
V
Input Timing Reference Voltages
1.0 V and 2.0 V
V
Output Timing Reference Voltages
0.8 V and 2.0 V
V
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
100
pF
Input Rise and Fall Times
50
ns
Input Pulse Voltages
0.2VCC to 0.8VCC
V
Input Timing Reference Voltages
0.3VCC to 0.7VCC
V
Output Timing Reference Voltages
0.3VCC to 0.7VCC
V
Symbol
Parameter
Test Condition
Min
Max
Unit
COUT
Output
Capacitance
VOUT = 0V
5pF
CIN
Input
Capacitance
VIN = 0V
5pF
AI02553
2.4V
0.4V
2.0V
0.8V
2V
1V
INPUT
OUTPUT
0.8VCC
0.2VCC
0.7VCC
0.3VCC
M93CXX-W & M93CXX-R
M93CXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com