Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M93C56-RBN7TG Datasheet(PDF) 30 Page - STMicroelectronics

Part # M93C56-RBN7TG
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C56-RBN7TG Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M93C56-RBN7TG Datasheet HTML 23Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 24Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 25Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 26Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 27Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 28Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 29Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 30Page - STMicroelectronics M93C56-RBN7TG Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46
30/31
REVISION HISTORY
Table 30. Document Revision History
Date
Rev.
Description of Revision
04-Feb-2003
2.0
Document reformatted, and reworded, using the new template. Temperature range 1 removed.
TSSOP8 (3x3mm) package added. New products, identified by the process letter W, added,
with fc(max) increased to 1MHz for -R voltage range, and to 2MHz for all other ranges (and
corresponding parameters adjusted)
26-Mar-2003
2.1
Value of standby current (max) corrected in DC characteristics tables for -W and -R ranges
VOUT and VIN separated from VIO in the Absolute Maximum Ratings table
04-Apr-2003
2.2
Values corrected in AC characteristics tables for -W range (tSLSH, tDVCH, tCLSL) for devices with
Process Identification Letter W
23-May-2003
2.3
Standby current corrected for -R range
27-May-2003
2.4
Turned-die option re-instated in Ordering Information Scheme
25-Nov-2003
3.0
Table of contents, and Pb-free options added. Temperature range 7 added. VIL(min) improved
to –0.45V.
30-Mar-2004
4.0
MLP package added. Absolute Maximum Ratings for VIO(min) and VCC(min) changed.
Soldering temperature information clarified for RoHS compliant devices. Device grade
information clarified. Process identification letter “G” information added
16-Aug-2004
5.0
M93C06 removed. Device grade information further clarified. Process identification letter “S”
information added. Turned-die package option removed. Product list summary added.
27-Oct-2005
6.0
current product/new product distinction removed. ICC and ICC1 values for current product
removed from tables 15, 16 and 17 and AC characteristics for current product removed from
Tables 20 and 21. Clock rate added to FEATURES SUMMARY.
“Q = open” added to ICC Test conditions in DC Characteristics Tables 15, 16, 17, 18 and 19.
Process(2) added to Table 29., Ordering Information Scheme. POWER ON DATA
PROTECTION section removed, replaced by INTERNAL DEVICE RESET and ACTIVE
POWER AND STANDBY POWER MODES. INITIAL DELIVERY STATE added.
SO8N and TSSOP8 packages updated. PDIP-specific TLEAD added to Table 8., Absolute
Maximum Ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com