Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56374UM/D Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56374UM/D Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
Features
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
3
Figure 1. DSP56374 Block Diagram
2Features
2.1
DSP56300 Modular Chassis
•
150 Million Instructions Per Second (MIPS) with a 150 MHz clock at an internal logic supply
(QVDDL) of 1.25 V
•
Object Code Compatible with the 56K core
•
Data ALU with a 24 x 24 bit multiplier-accumulator and a 56-bit barrel shifter;16 bit arithmetic
support
•
Program Control with position independent code support
PLL
OnCE
Clock
Gen.
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB/GPIO
MODC/IRQC/GPIO
DSP56300
12
24-Bit
DDB
DAB
Peripheral
Core
Expansion Area
JTAG
4
5
RESET
MODA/IRQA/GPIO
PINIT/NMI
EXTAL
Address
Generation
Unit
Six Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24+56→56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Mgmt.
Memory Expansion Area
X Data
RAM
6k
× 24
Y Data
RAM
6k
× 24
Bootstrap
ROM
Internal
Data
Bus
Switch
SHI
GPIO
ESAI
ESAI_1
Interface
Interface
Interface
12*
15*
Triple
3
ROM
4k
× 24
ROM
4k
× 24
Program
RAM
6k
× 24
ROM
20k
× 24
XTAL
MODD/IRQD/GPIO
Timer
Watch
dog
Timer
* ESAI_1 and dedicated GPIO pins are not available in the 52-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com