Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56374UM/D Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Signal Groupings
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
13
FSR
Input or output
GPIO
disconnected
Frame Sync for Receiver—This is the receiver frame sync
input/output signal. In the asynchronous mode (SYN=0),
the FSR pin operates as the frame sync input or output
used by all the enabled receivers. In the synchronous mode
(SYN=1), it operates as either the serial flag 1 pin
(TEBE=0), or as the transmitter external buffer enable
control (TEBE=1, RFSD=1).
When this pin is configured as serial flag pin, its direction is
determined by the RFSD bit in the RCCR register. When
configured as the output flag OF1, this pin will reflect the
value of the OF1 bit in the SAICR register, and the data in
the OF1 bit will show up at the pin synchronized to the
frame sync in normal mode or the slot in network mode.
When configured as the input flag IF1, the data value at the
pin will be stored in the IF1 bit in the SAISR register,
synchronized by the frame sync in normal mode or the slot
in network mode.
PC1
Input, output, or
disconnected
Port C1—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
FST
Input or output
GPIO
disconnected
Frame Sync for Transmitter—This is the transmitter frame
sync input/output signal. For synchronous mode, this signal
is the frame sync for both transmitters and receivers. For
asynchronous mode, FST is the frame sync for the
transmitters only. The direction is determined by the
transmitter frame sync direction (TFSD) bit in the ESAI
transmit clock control register (TCCR).
PC4
Input, output, or
disconnected
Port C4—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
Table 10. Enhanced Serial Audio Interface Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com