Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56374UM/D Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
16
SDO2
Output
GPIO
disconnected
Serial Data Output 2—When programmed as a transmitter,
SDO2 is used to transmit data from the TX2 serial transmit
shift register
SDI3
Input
Serial Data Input 3—When programmed as a receiver,
SDI3 is used to receive serial data into the RX3 serial
receive shift register.
PC9
Input, output, or
disconnected
Port C9—When the ESAI is configured as GPIO, this signal
is individually programmable as input, output, or internally
disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SDO1
Output
GPIO
disconnected
Serial Data Output 1—SDO1 is used to transmit data from
the TX1 serial transmit shift register.
PC10
Input, output, or
disconnected
Port C10—When the ESAI is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
SDO0
Output
GPIO
disconnected
Serial Data Output 0—SDO0 is used to transmit data from
the TX0 serial transmit shift register.
PC11
Input, output, or
disconnected
Port C11—When the ESAI is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
Table 10. Enhanced Serial Audio Interface Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com