Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56374UM/D Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
8
4.5
Interrupt and Mode Control
The interrupt and mode control signals select the chip’s operating mode as it comes out of hardware reset.
After RESET is de-asserted, these inputs are hardware interrupt request lines.
Table 8. Interrupt and Mode Control
Signal Name
Type
State
during
Reset
Signal Description
MODA/IRQA
Input
MODA
Input
Mode Select A/External Interrupt Request A—MODA/IRQA is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODA/IRQA selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during
normal instruction processing. This pin can also be programmed as
GPIO. MODA, MODB, MODC, and MODD select one of 16 initial chip
operating modes, latched into the OMR when the RESET signal is
de-asserted. If the processor is in the stop standby state and the
MODA/IRQA pin is pulled to GND, the processor will exit the stop state.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
PH0
Input, output,
or
disconnected
Port H0—When the MODA/IRQA is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
MODB/IRQB
Input
MODB
Input
Mode Select B/External Interrupt Request B—MODB/IRQB is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODB/IRQB selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during
normal instruction processing. This pin can also be programmed as
GPIO. MODA, MODB, MODC, and MODD select one of 16 initial chip
operating modes, latched into OMR when the RESET signal is
de-asserted.
This pin has an internal pull up resistor.
This input is 5 V tolerant.
PH1
Input, output,
or
disconnected
Port H1—When the MODB/IRQB is configured as GPIO, this signal is
individually programmable as input, output, or internally disconnected.
MODC/IRQC
Input
MODC
Input
Mode Select C/External Interrupt Request C—MODC/IRQC is an
active-low Schmitt-trigger input, internally synchronized to the DSP
clock. MODC/IRQC selects the initial chip operating mode during
hardware reset and becomes a level-sensitive or
negative-edge-triggered, maskable interrupt request input during
normal instruction processing. This pin can also be programmed as
GPIO. MODA, MODB, MODC, and MODD select one of 16 initial chip
operating modes, latched into OMR when the RESET signal is
de-asserted.
This pin has an internal pull up resistor.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com