Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56374UM/D Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # DSP56374UM/D
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56374UM/D Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button DSP56374UM/D Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56374UM/D Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Signal Groupings
Freescale Semiconductor
18
FSR_1
Input or output
GPIO
disconnected
Frame Sync for Receiver_1—This is the receiver frame
sync input/output signal. In the asynchronous mode
(SYN=0), the FSR_1 pin operates as the frame sync input
or output used by all the enabled receivers. In the
synchronous mode (SYN=1), it operates as either the serial
flag 1 pin (TEBE=0), or as the transmitter external buffer
enable control (TEBE=1, RFSD=1).
When this pin is configured as serial flag pin, its direction is
determined by the RFSD bit in the RCCR_1 register. When
configured as the output flag OF1, this pin will reflect the
value of the OF1 bit in the SAICR_1 register, and the data
in the OF1 bit will show up at the pin synchronized to the
frame sync in normal mode or the slot in network mode.
When configured as the input flag IF1, the data value at the
pin will be stored in the IF1 bit in the SAISR_1 register,
synchronized by the frame sync in normal mode or the slot
in network mode.
PE1
Input, output, or
disconnected
Port E1—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant
FST_1
Input or output
GPIO
disconnected
Frame Sync for Transmitter_1—This is the transmitter frame
sync input/output signal. For synchronous mode, this signal
is the frame sync for both transmitters and receivers. For
asynchronous mode, FST_1 is the frame sync for the
transmitters only. The direction is determined by the
transmitter frame sync direction (TFSD) bit in the ESAI_1
transmit clock control register (TCCR_1).
PE4
Input, output, or
disconnected
Port E4—When the ESAI_1 is configured as GPIO, this
signal is individually programmable as input, output, or
internally disconnected.
The default state after reset is GPIO disconnected.
Internal Pull down resistor.
This input is 5 V tolerant.
Table 11. Enhanced Serial Audio Interface_1 Signals (continued)
Signal Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com