Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD20-UHF-NA-R Datasheet(PDF) 1 Page - Turck, Inc.

Part # PD20-UHF-NA-R
Description  Handheld with Lithium-Ion Battery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

PD20-UHF-NA-R Datasheet(HTML) 1 Page - Turck, Inc.

  PD20-UHF-NA-R Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|1
PD20-UHF-NA-R
Handheld with Lithium-Ion Battery
Technical data
Type
PD20-UHF-NA-R
ID
100000996
Ambient temperature
-10…+55  °C
Storage temperature
-20…+60  °C
Electrical data
 
Technology
UHF RFID
Region (UHF)
USA, Canada, Mexico (902…928 MHz)
Radio communication and protocol
standards
ISO 18000-63
Output power
5…30 dBm, adjustable
Antenna polarization
Simulated circular
Memory
via the connected host device
Display
via the connected host device
Battery capacity
1800 mAh
Communication via
3.5 mm jack plug
Included software
Turck RFID app, available free of charge
Operating system
iOS, Android
Mechanical data
 
Dimensions
159 x 95 x 39 mm
Weight
170 g
Housing material
Plastic, Polycarbonate/ABS, Black
Protection class
IP20
Features
■Mobile reading and writing of RFID data
carriers
■Approved for use in the USA, Canada and
Mexico
■Handheld with UHF antenna
■Connection to the host device via 3.5 mm
jack plug
■Incl. TURCK RFID app (iOS, Android) for
reading and writing of data carriers
■Custom app on request
■WLAN and mobile interface via connected
host device
■Permanent lithium-ion 1800 mAh battery,
approx. 2 hours’ active scanning
■Incl. Micro-B USB cable and power supply
■Protection class IP20
■Withstands multiple drops on smooth
concrete from 1.5 m height


Similar Part No. - PD20-UHF-NA-R

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
PD20-UHF-CHN-R TURCK-PD20-UHF-CHN-R Datasheet
95Kb / 1P
Handheld with Lithium-Ion Battery
11/08/2023
PD20-UHF-EU-R TURCK-PD20-UHF-EU-R Datasheet
95Kb / 1P
Handheld with Lithium-Ion Battery
11/08/2023
More results

Similar Description - PD20-UHF-NA-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
Lithium-Ion Battery Charger
REV.A
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
Lithium-Ion Battery Charger
2001
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
Lithium Ion Battery Applications
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
Lithium Ion Battery Applications
logo
Harris Corporation
RF-5853 HARRIS-RF-5853 Datasheet
428Kb / 2P
LITHIUM ION BATTERY CHARGER FOR HANDHELD BATTERIES
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
2200mAh Lithium Ion Battery
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com