Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48C-R Datasheet(PDF) 31 Page - InnovASIC, Inc

Part # IA88C00-PDW48C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48C-R Datasheet(HTML) 31 Page - InnovASIC, Inc

Back Button IA88C00-PDW48C-R Datasheet HTML 27Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 28Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 29Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 30Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 31Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 32Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 33Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 34Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 35Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 31 of 80
1.888.824.4184
Figure 28b. Watch Dog Timer and Stop Mode Recovery Register (WDT/SMR) R230 Bank0
Bit
7
6
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
WDT time-out
WDT
Enable
WDT in
Stop
WDT
Source
SMR
On
SMR Source
Initial Value
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
This register controls the Watchdog Timer time-out and Stop recovery mode.
D1, D0 Stop Mode Recovery source select.
Bit D0 and D1 determine the Stop Mode Recovery source.
D1
D0
0
0
Recovery from RESET only
0
1
Recovery from P22 and RESET
1
0
Recovery from P32 and RESET
1
1
Recovery from any input for Port 4 and RESET
A hardware reset forces D0 and D1 to zero.
D2 Stop Recovery Edge
A 1 in this position indicates that a rising edge on any one of the recovery sources wakes the IA88C00
from Stop mode. A 0 indicates falling edge recovery. The reset value is 0.
D3 XTAL1/RC Select for WDT
When a zero is written to D3, the clock of the WDT is driven by the on-board RC oscillator. If D3 is set to
1, the WDT is driven by XTAL1. D3 has a zero reset value.
D4 WDT Enable During STOP or HALT
When this bit is set, WDT is enabled during STOP or HALT. In this case, recovery from STOP or HALT
should be performed before the selected time-out. A 0 in this bit location disables the WDT while the
IA88C00 is stopped or halted. A hardware reset forces this bit to a zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com