Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48C-R Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # IA88C00-PDW48C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48C-R Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button IA88C00-PDW48C-R Datasheet HTML 7Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 8Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 9Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 10Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 11Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 12Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 13Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 14Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 15Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 11 of 80
1.888.824.4184
P07
P14
P15
P16
P17
P14
41
5
6
7
8
36
30
/RESET
+5V
11
XTAL1
13
GND
34
XTAL2 12
P47
17
P46
16
P45
14
P44
28
P37
29
P36
39
P35
40
P34
20
P32
24
P31
25
P30
27
P27
26
P26
10
P25
9
P24
21
P23
18
P22
23
P20
22
31
R//W
/DS
37
/AS
38
P00
48
P01
47
P02
46
P03
45
P04
44
P05
43
P06
42
P21
22
P10
1
P11
2
P12
3
P33
19
P13
4
P15
35
P16
33
P17
32
Timing
and
Control
Port 0
Port 1
Port 4
(1/2)
Power
Clock
Port 2
Port 3
Port 4
(1/2)
IA88C00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com