Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48C-R Datasheet(PDF) 13 Page - InnovASIC, Inc

Part # IA88C00-PDW48C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48C-R Datasheet(HTML) 13 Page - InnovASIC, Inc

Back Button IA88C00-PDW48C-R Datasheet HTML 9Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 10Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 11Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 12Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 13Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 14Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 15Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 16Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 17Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 13 of 80
1.888.824.4184
Architecture
IA88C00 maintains program model compatibility with the Super8 architecture, including 268 general
purpose registers and 57 registers for control and mode functions.
The instruction set, is also fully binary compatible supporting all instructions, including multiply and
divide instructions and provisions for BCD operations.
The peripheral set maintains register/ program model compatibility. Robust serial communications are
provided by an on-board UART. Counter/timers are provided for time-sensitive/control loop
applications. A watchdog timer is provided for processor sanity.
Pin Descriptions
/AS Address Strobe
(output, active Low)
The rising edge of this output indicates that address, R/W, and DM (when
appropriate) are valid.
/DS Data Strobe
(output, active Low
The leading edge of this signal indicates that data is valid during a write cycle.
The trailing edge of this signal is used to latch data into the IA88C00 during a
read cycle.
P00-P07, P10-P17,
P20-P27, P30-P37,
P40-P47, Port I/O
Lines (input/output)
Input/Output Ports configured under program control. Specific functions include:
Port 1 serves as the multiplexed address/data port. It serves as the data bus
de-multiplexed mode, and Port 0 pins can be used as additional address
lines or general purpose I/O.
Ports 2 and 3 provide support for interrupts, the UART and the timers.
Alternatively, they can be programmed as general purpose I/O.
Port 4 is used for general I/O or as the lower address byte in de-mux mode.
/RESET (input,
active Low)
Reset input. Reset vector is address 0020H.
R/W Read/Write
(output)
When high, the current bus operation is a read. When low, the current bus
operation is a write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com