Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48C-R Datasheet(PDF) 62 Page - InnovASIC, Inc

Part # IA88C00-PDW48C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48C-R Datasheet(HTML) 62 Page - InnovASIC, Inc

Back Button IA88C00-PDW48C-R Datasheet HTML 58Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 59Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 60Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 61Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 62Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 63Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 64Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 65Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 66Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG21 1 030617-04
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 62 of 80
1.888.824.4184
Port 2 and 3
Ports 2 and 3 provide external control inputs and outputs for the UART, handshake channels and
counter/timers. The pin assignments appear in Figure 60. Bits not used for control I/O can be configured
as general purpose I/O lines and/or external interrupt inputs.
Those bits configured for general I/O can be configured individually for input for output. Those
configured for output can be individually configured for (1) input or output and (2) open drain or push
pull output.
Figure 60. Pin Assignments for Port 2 and 3
Port 2
Bit Function
Port 3
Bit Function
0 UART receive clock
0 UART receive clock
1 UART transmit
1 UART transmit
2 Reserved
2 Reserved
3 Reserved
3 Reserved
4 Handshake 0 input
4 Handshake 1 input/WAIT
5 Handshake 0 output
5 Handshake 1 output/DM
6 Counter 0 input
6 Counter 1 input
7 Counter 0 I/O
7 Counter 1 I/O
Port 4
Port 4 can be assigned as general I/O or as the lower address byte in de-mux mode. As general I/O, each
bit can be configured individually as input or output, with either push-pull or open-drain outputs. I/O
directions is controlled by mode control reg R246. Push-pull or open_drain selection is controlled by
mode control reg R247. All Port 4 inputs are Schmitt-triggered. Port 4 can be placed under handshake
control handshake channel 0. Port 4 register address is R212.
UART
The UART is a full-duplex asynchronous channel. It transmits and receives independently at 5 to 8 bits
per character and contains options for even- or odd-bit parity and a wake-up feature.
Data can be read into or out of the UART via R239, Bank 0. This single address is able to serve a full-
duplex channel because it contains two complete 8-bit registers, one for the transmitter and the other for
the receiver. The programming model for the UART is outlined in R235 (UART Transmit Control),
R236 (UART Receive Control), R237 (UART Interrupt Enable), R238 (Transmit Interrupt Register)
R248/249 bank 1 (UART Baud Rate Generator), R250/251 bank 1 (UART Mode A/B Registers).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com