Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA88C00-PDW48C-R Datasheet(PDF) 14 Page - InnovASIC, Inc

Part # IA88C00-PDW48C-R
Description  Microcontroller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA88C00-PDW48C-R Datasheet(HTML) 14 Page - InnovASIC, Inc

Back Button IA88C00-PDW48C-R Datasheet HTML 10Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 11Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 12Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 13Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 14Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 15Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 16Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 17Page - InnovASIC, Inc IA88C00-PDW48C-R Datasheet HTML 18Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 80 page
background image
IA88C00
Data Sheet
Microcontroller
As of Production Version -01
Copyright © 2005
ENG 21 0 050519-00
www.Innovasic
Innovasic.com
Innovasic Semiconductor
Page 14 of 80
1.888.824.4184
XTAL1, XTAL2
(Crystal oscillator
input)
Crystal inputs for the internal oscillator.
All port pins are configured as inputs (high impedance) during RESET, except for Port 1 and Port 0. Port
1 is configured as a multiplexed address/ data bus. Port 0 pins P00-P04 are configured as address out. And
pins P05-P07 are configured as inputs.
Registers
The IA88C00 supports a 256-byte register address space. Addresses 00H-BFH contain two sets of
registers. Set one contains control registers that are only accessible by register direct commands. Set two
contains data registers that are only available via register indirect, indexed, stack and DMA commands,
Note that address space E0H to FFH in Set one is further divided into two banks. The state of bank select
bit in the Flag register determines which bank is accessed.
The register space is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com