Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A80-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2521A80-R
Description  2.4 GHz Wireless LAN Front-End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A80-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2521A80-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DATA SHEET
SE2521A80: 2.4 GHz Wireless LAN Front-End
Preliminary
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202417A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
Logic Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A80-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VENH
Logic High Voltage
(Module On)
-
2.0
-
VCC
V
VENL
Logic Low Voltage
(Module Off)
-
0
-
0.5
V
IENH
Input Current Logic
High Voltage
-
-
100
200
μA
IENL
Input Current Logic
Low Voltage
-
-
0.2
-
μA
Switch Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A80-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCTL_ON
Control Voltage
(On State)
-
3.0
-
3.6
V
VCTL_OFF
Control Voltage
(OFF State)
-
0.0
-
0.2
V
SWON
Low Loss Switch
Control Voltage
High State = VCTL_ON -
VCTL_OFF
2.8
-
VCC
V
SWOFF
High Loss Switch
Control Voltage
Low State = VCTL_OFF -
VCTL_OFF
0
-
0.3
V
ICTL_ON
Switch Control Bias
Current (RF Applied)
On pin (C1,C2,C3,C4)
being driven high. RF
Applied
-
-
100
µA
ICTL_ON
Switch Control Bias
Current (No RF)
On pin (C1,C2,C3,C4)
being driven high. No RF
-
-
30
µA
CCTL
Control Input
Capacitance
-
-
-
100
pF
Switch Control Logic Table
Switch Logic
Operational Mode
C1
C4
C2
C3
TXRF – ANTA
TXRF – ANTB
RXRF – ANTA
RXRF – ANTB
SWON
SWOFF
SWOFF
SWOFF
ON
OFF
OFF
OFF
SWOFF
SWON
SWOFF
SWOFF
OFF
ON
OFF
OFF
SWOFF
SWOFF
SWON
SWOFF
OFF
OFF
ON
OFF
SWOFF
SWOFF
SWOFF
SWON
OFF
OFF
OFF
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com