Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A80-R Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SE2521A80-R
Description  2.4 GHz Wireless LAN Front-End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A80-R Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SE2521A80-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
DATA SHEET
SE2521A80: 2.4 GHz Wireless LAN Front-End
Preliminary
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202417A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
8
Typical Performance Data
Conditions:
VCC = VEN = 3.3 V, Channel = 7, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A80-EV1
evaluation board , all unused ports terminated with 50 ohms, unless otherwise noted.
802.11g Typical Performance
Conditions:
54Mbps 802.11g OFDM Signal
SE2521A80 802.11g EVM vs. POUT over Frequency
0
1
2
3
4
5
5
6
7
8
9
10 11
12 13 14
15 16
17 18 19
20 21
POUT (dBm)
2400 MHz
2425 MHz
2450 MHz
2500 MHz
SE2521A80 802.11g EVM vs. POUT over Voltage
0
1
2
3
4
5
11
12
13
14
15
16
17
18
19
20
21
POUT (dBm)
2.7 V
3 V
3.3 V
3.6 V
(a)
(b)
Figure 4: SE2521A80 802.11g 54 Mbps EVM vs. POUT (a) Over Frequency (b) Over Voltage
802.11b Performance
SE2521A80 802.11b ACPR vs. POUT
-70
-65
-60
-55
-50
-45
-40
-35
-30
15
16
17
18
19
20
21
22
23
24
25
POUT (dBm)
ACPR-ADJ
ACPR-ALT
SE2521A80 Harmonics vs. POUT (802.11b CCK 1Mbps)
-70
-65
-60
-55
-50
-45
10
11
12
13
14
15
16
17
18
19
20
POUT (dBm)
2fo
3fo
(a)
(b)
Figure 5: SE2521A80 802.11b Performance (a) ACPR vs. POUT, (b) Harmonics vs. POUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com