Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A80-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SE2521A80-R
Description  2.4 GHz Wireless LAN Front-End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A80-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SE2521A80-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 11Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 12Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
DATA SHEET
SE2521A80: 2.4 GHz Wireless LAN Front-End
Preliminary
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202417A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
12
Tape and Reel
Production quantities of this product are shipped in a standard tape-and-reel format.
Specific tape and reel
dimensions and sizing is shown in Table 1 and Figure 10.
Parameter
Value
Devices Per Reel
2500
Reel Diameter
13 inches
Table 1: Tape and Reel Dimensions
Figure 10: SE2521A80 Tape and Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com