Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A80-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE2521A80-R
Description  2.4 GHz Wireless LAN Front-End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A80-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE2521A80-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DATA SHEET
SE2521A80: 2.4 GHz Wireless LAN Front-End
Preliminary
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202417A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
2
Pin Out Diagram
1
GND
2
VCC3
3
VCC
4
GND
5
GND
17 C4
16 C3
15 C2
14 C1
13 PD_OUT
24
23
22
21
20
19
6
7
8
9
10
11
18
12
Figure 2: SE2521A80 Pin-Out (Top View Through Package)
Pin Out Description
Pin No.
Name
Description
1
GND
Ground
2
VCC3
+3.3 V DC for 3
rd stage power amplifier collector voltage
3
VCC
+3.3 V DC
4,5
GND
Ground
6
TX_IN
Transmit Input
7,8,9
GND
Ground
10
RX_OUT
Receive Output
11
N/C
No Connect
12
TXEN
Transmit Enable
13
PD_OUT
Power Detector
14
C1
Control 1 Input
15
C2
Control 2 Input
16
C3
Control 3 Input
17
C4
Control 4 Input
18
ANT_B
Antenna B (50 ohm)
19,20
GND
Ground
21
ANT_A
Antenna A (50 ohm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com