Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2521A80-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE2521A80-R
Description  2.4 GHz Wireless LAN Front-End Preliminary
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2521A80-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE2521A80-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2521A80-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DATA SHEET
SE2521A80: 2.4 GHz Wireless LAN Front-End
Preliminary
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202417A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
5
AC Electrical Characteristics
802.11g Transmit Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A80-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FIN
Frequency Range
-
2400
-
2500
MHz
P802.11g
Output power
54 Mbps OFDM signal,
64QAM, EVM = 3.0 %
-
20
-
dBm
P802.11b
Output power
11 Mbps CCK signal,
BT = 0.45
ACPR(Adj) < -35 dBr
ACPR(Alt) < -55 dBr
-
20
-
dBm
P1dB
P1dB
-
-
26
-
dBm
S21
Small Signal Gain
-
27.0
30
34.0
dB
ΔS21
Small Signal Gain
Variation Over Band
-
-
1.0
2.5
dB
S213.2
Gain @ 3.2 to 3.3 GHz
-
-
3
7
dB
2f,3f
Harmonics
Pout = 20 dBm, 2 Mbps,
802.11b CCK
-
-47
-42
dBm/MHz
IM3
3
rd Order Inter-
modulation
f1 and f2 at Fc +/- 312.5
kHz, P = 20 dBm
-
-35
-
dBc
IM5
5
th Order Inter-
modulation
f1 and f2 at Fc +/- 312.5
kHz, P = 20 dBm
-
-50
-
dBc
tr
Rise Time
10 % to 90% of final
output power level
-
0.20
-
μs
tdr, tdf
Delay and rise/fall
Time
50 % of VEN edge and
90/10 % of final output
power level
-
1.0
-
μs
S11
Input Return Loss
-
6.5
9.5
-
dB
STAB
Stability
PIN
≤ -2 dBm
Load VSWR = 6:1
All non-harmonically related outputs less than
-50 dBc/MHz
Receive Characteristics
Conditions:
VCC = VEN = 3.3 V, TA = 25
°C, as measured on Skyworks Solutions’ SE2521A80-EV1 evaluation board
(de-embedded to device), all unused ports terminated with 50 ohms, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
FOUT
Frequency Range
-
2400
-
2500
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com