Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2-4350 Datasheet(PDF) 3 Page - Power-One

Part # NET2-4350
Description  NET2 AC-DC Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET2-4350 Datasheet(HTML) 3 Page - Power-One

  NET2-4350 Datasheet HTML 1Page - Power-One NET2-4350 Datasheet HTML 2Page - Power-One NET2-4350 Datasheet HTML 3Page - Power-One NET2-4350 Datasheet HTML 4Page - Power-One NET2-4350 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NET2 AC-DC Series Data Sheet
APR 19, 2005 revised to JUN 28, 2006
Page 3 of 5
www.power-one.com
Safety, Regulatory, and EMI Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Agency Approvals
UL60950.
NET2-4350 Approved; NET2-4231 Pending
CSA 22.2, NO. 60950-00 (cUL).
NET2-4350 Approved; NET2-4231 Pending
EN60950-1 (TÜV).
NET2-4350 Approved; NET2-4231 Pending
IEC60950-1
NET2-4350 Approved; NET2-4231 Pending
Dielectric Withstand Voltage
Input to output per EN60950.
2600
VDC
Electromagnetic Interference
FCC CFR title 47 Part 15 Sub-Part B - Conducted.
B
Class
EN55022 / CISPR 22 Conducted.
B
ESD Susceptibility
Per EN61000-4-2, level 4. Contact discharge: ±10%
8
kV
Air discharge:
10
Radiated Susceptibility
Per EN61000-4-3, level 3. Frequency 0.8 - 1.0 GHz, 80% AM @ 1 kHz
10
V/M
EFT/Burst
Per EN61000-4-4, level 3.
±2
kV
Input Transient Protection
Per EN61000-4-5, class 3.
Line to Line
1
kV
Line to Ground
2
Ground Leakage
UL60950/EN60950/CSA 6950-00
@254VAC
1
mA
Environmental Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Altitude
Operating.
10k
ASL Ft.
Non-Operating.
40k
ASL Ft.
Operating Temperature
From 50°C to 70°C derate each output and total power
At 100% load
0
50
°C
to 50% of rating at 70°C.
Storage Temperature
-40
85
°C
Temperature Coefficient
0°C to 70°C (after 15-minute warmup).
± 0.02
± 0.05
%/°C
Relative Humidity
Non-Condensing.
5
95
%RH
Shock
Operating: Half-sine, 10 ± 3ms duration; one positive and
10
20
GPK
one negative shock in each of the three perpendicular axes
for a total of 6 shocks.
Non-Operating: Half-sine, 10 ± 3ms duration; one positive
30
40
GPK
AND
one negative shock in each of the three perpendicular
axes for a total of 6 shocks.
Vibration
Operating: Logarithmic sweep, 1 octave/min 5-2000-5 Hz
vertical, lateral, and longitudinal axes;
5-32 Hz, 0.02” double amplitude;
32-2000 Hz
1
Gpk
2000-32 Hz
1
Gpk
32-5 Hz double amplitude.
Non-Operating: Random 1 hour/axis, vertical, lateral, and
6.15
Grms
max longitudinal over 10-2000 Hz.
Mechanical
DESCRIPTION
NOTES
SIZE IMPACT
Metric Mounting
M3 x 0.5 mounting inserts: 3 mounting surfaces
Chassis Size
8.25" x 4.50" x 1.59"
(209.6mm x 114.3mm x 40.4mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com