Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2-4350 Datasheet(PDF) 4 Page - Power-One

Part # NET2-4350
Description  NET2 AC-DC Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET2-4350 Datasheet(HTML) 4 Page - Power-One

  NET2-4350 Datasheet HTML 1Page - Power-One NET2-4350 Datasheet HTML 2Page - Power-One NET2-4350 Datasheet HTML 3Page - Power-One NET2-4350 Datasheet HTML 4Page - Power-One NET2-4350 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NET2 AC-DC Series Data Sheet
APR 19, 2005 revised to JUN 28, 2006
Page 4 of 5
www.power-one.com
BOTTOM VIEW
1.588"
(40.3)
M3 X 0.5 MOUNTING INSERTS (8) PLACES,
2 PL EACH SIDE, 4PL ON BOTTOM.
0.150" MAX PROTRUSION OF
MOUNTING SCREWS INTO POWER SUPPLY.
0.700"
(17.8)
0.375"
(9.5)
0.250"
(6.4)
-1.100"
(-27.9)
2.100"
(53.3)
7.600"
(193)
- 0.900"
(-22.9)
8.000"
(203.2)
4.125"
(104.8)
4.500"
(114.3)
0.550"
(14)
7.600"
(193.0)
0.900"
(22.9)
0.370"
(9.4)
0.331"
(8.4)
0.331"
(8.4)
0.331"
(8.4)
0.331"
(8.4)
0.219"
(5.6)
0.400"
(10.2)
8.250"
(209.6)
0
0
0
0
0
0
M
M
M
M
M
M
M
M
± 0.020
NOTE: TOLERANCE ( .XXX = ± 0.010 UNLESS OTHERWISE SPECIFIED)
NOTE: METRIC DIMENSIONS ARE SHOWN IN BRACKETS
+ 0.000
- 0.020
HIGH CURRENT OUTPUTS
0.25" QUICK DISCONNECT, 12 PL MAX OR
#8 LUG 4PL, OR
WICKMAN CONNECTOR PN: 9100080000 OR EQUIV, 4 PL
Mechanical Drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com