Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2-4350 Datasheet(PDF) 2 Page - Power-One

Part # NET2-4350
Description  NET2 AC-DC Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NET2-4350 Datasheet(HTML) 2 Page - Power-One

  NET2-4350 Datasheet HTML 1Page - Power-One NET2-4350 Datasheet HTML 2Page - Power-One NET2-4350 Datasheet HTML 3Page - Power-One NET2-4350 Datasheet HTML 4Page - Power-One NET2-4350 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NET2 AC-DC Series Data Sheet
APR 19, 2005 revised to JUN 28, 2006
Page 2 of 5
www.power-one.com
Input Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC input.
47
63
Hz
Hold-up Time
After last AC line peak at 400 watts.
20
ms
Input Current
85 VAC at full rated load.
7.0
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse.
Inrush Surge Current
Internally limited by thermistor. Vin = 220 VAC, one cycle, 25°C.
35
APK
Power Factor
Per EN61000-3-2 (Over the entire input range and above 60W load).
0.95
W/VA
Output Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Efficiency
Full Rated Load, 115 VAC. Varies with distribution of loads among outputs.
85
%
Ripple and Noise
Full load, 20 MHz bandwidth.
See Model Selection Charts
Output Power
With 460 LFM forced-air cooling (25 CFM through the power supply opening),
V1+V2+V3+V4+V5:
400
Watts
V1+V2 or V3+V4:
200
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on.
3.5
%
Regulation
Varies by output. Regulation includes: line changes over the specified
See Model Selection Charts
input range and changes in load between 0% and 100% load.
Transient Response
Recovery time, to within 1% of initial set point due to a 50% load change in
V1/V4/V5:
1
ms
the load range of 10 to 100%; 3.5% or 100mV deviation, whichever is greater.
V2/V3
0.5
Turn-on Delay
Time required for initial output voltage stabilization.
1.5
2
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
20
ms
Interface Signals and Internal Protection
PARAMETER
CONDITIONS/DESCRIPTION
MIN
TYP
MAX
UNITS
Overvoltage Protection
Overvoltage protection on all outputs except V5.
120
140
%
Unit latches off when overvoltage is detected.
AC input must be recycled to reset. V5 is protected by a 6.2V ±5%, 2W Zener diode.
Overload Protection
Fully protected against output overload and short circuit. Automatic recovery upon
removal of overload condition. All outputs are individually current limited.
Overtemperature Protection
Power supply shuts down due to excessive internal overtemperature at the output
converter’s primary switching transistors. Power supply resets automatically upon
removal of the overtemperature cause.
Output Good
TTL-compatible global Output Good signal. The signal is active when any of the
V1-V4 outputs drop >14% below nominal. Source impedance is 1k .
Input Power Fail Warning
Open collector signal. Time before regulation dropout due to loss of input
5ms
power. May be used as independent PSOK signal in redundant applications.
Current Share
Available on all outputs except V5. Accuracy of shared current with up
10
%
to two parallel units. Single wire current share is provided. For paralleling
more than two units, consult factory.
Remote Sense
Available on all outputs except V5. Total voltage compensation for cable losses with
500
mV
respect to the main output.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com